Part Number Hot Search : 
XC3042A 2SC1653 M5231 PCA5097 HD74S157 AMS431AS S32253 150FC
Product Description
Full Text Search
 

To Download APT100S20B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advance technical information characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 125c, duty cycle = 0.5) rms forward current non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range lead temperature: 0.063" from case for 10 sec. avalanche energy (2a, 50 mh) symbol v r v rrm v rwm i f (av) i f (rms) i fsm t j ,t stg t l e avl symbol v f i rm c t l s characteristic / test conditions i f = 100a maximum forward voltage i f = 200a i f = 100a, t j = 150c maximum reverse leakage current v r = v r rated v r = v r rated, t j = 125c junction capacitance, v r = 200v series inductance (lead to lead 5mm from base) static electrical characteristics product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density unit volts amps c mj unit volts ma pf nh min typ max 0.89 0.95 1.18 0.80 2 50 470 10 APT100S20B 200 100 100 1000 -55 to 150 300 100 maximum ratings all ratings: t c = 25c unless otherwise specified. product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-247 package ? rugged - avalanche energy rated ? low forward voltage ? high blocking voltage ? low leakage current 053-6021 rev- 9-2001 apt website - http://www.advancedpower.com usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 1 product applications ? parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? 48 volt output rectifiers ? high speed rectifiers 12 1 - cathode 2 - anode back of case - cathode high voltage schottky diode APT100S20B 200v 100a to-247 1 2 1
053-6021 rev- 9-2001 advance technical information min typ max 110 88 123 1600 1600 5 7 253 490 6.0 6.0 210 250 unit ns amps nc volts a/s APT100S20B characteristic reverse recovery time, i f = 1.0a, di f /dt = -15a/s, v r = 30v, t j = 25c reverse recovery time t j = 25c i f = 100a, di f /dt = -100a/s, v r = 100v t j = 100c forward recovery time t j = 25c i f = 100a, di f /dt = 100a/s, v r = 100v t j = 100c reverse recovery current t j = 25c i f = 100a, di f /dt = -100a/s, v r = 100v t j = 100c recovery charge t j = 25c i f = 100a, di f /dt = -100a/s, v r = 100v t j = 100c forward recovery voltage t j = 25c i f = 100a, di f /dt = 100a/s, v r = 100v t j = 100c rate of fall of recovery current t j = 25c i f = 100a, di f /dt = -100a/s, v r = 100v t j = 100c dynamic characteristics symbol t rr1 t rr2 t rr3 t fr1 t fr2 i rrm1 i rrm2 q rr1 q rr2 v fr1 v fr2 dim/dt thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque (screw type = 6-32 or 3mm machine) symbol r q jc r q ja w t torque min typ max .24 40 0.35 9.9 10 1.1 unit c/w oz gm lb?in n?m to-247 package outline 1 the maximum current is limited by lead temperature apt reserves the right to change, without notice, the specifications and information contained herein. apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 10.90 (.430) bsc 3.50 (.138) 3.81 (.150) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) dimensions in millimeters and (inches) cathode anode cathode


▲Up To Search▲   

 
Price & Availability of APT100S20B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X